PART |
Description |
Maker |
CRNA15-1000 CRNA15-800 |
DIODE RECT 1000V 15A ISO TO220AB 9.5 A, 1000 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE RECT 15A 800V ISO TO-220AB 9.5 A, 800 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Crydom, Inc.
|
SSL-LX4673HGW-LA20 |
QUASARBRITE 4mm X 7mm RECT LED
|
LUMEX INC.
|
NCP1410_05 NCP1410 NCP1410DMR2 NCP1410DMR2G NCP141 |
250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
|
ONSEMI[ON Semiconductor]
|
NCP1421-D |
500 mA Sync-Rect PFM Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
|
ON Semiconductor
|
GMCR100-6 |
SENSIT IVE GAT E SILICON CONTROLLED RECT IFIERS REVERSE BLOCKING THYRISTORS 0. 8A, 400V
|
E-Tech Electronics LTD
|
L113GDT |
LED-GREEN,RECT,PC MT 2.8V,20MA,1.5MCD,2X SINGLE COLOR LED, GREEN, 5 mm
|
Kingbright, Corp.
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
DG300A DG303A DG303AAK DG303ACY DG301A FN3119 DG30 |
From old datasheet system TTL-Compatible, CMOS Analog Switches TTL-Compatible / CMOS Analog Switches LED 2X5MM RECT RED/GRN DIFFBICLR
|
INTERSIL[Intersil Corporation]
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|